technical data KK74HCT139A dual 1-of-4 decoder/demultiplexer high-performance silicon-gate cmos ordering information kk 74hct139an plastic kk 74hct139ad soic t a = -55 t o 125 c for all packages the kk 74hct139a is identical in pinout to the ls/als139. the kk 74hct139a may be used as a level converter for interfacing ttl or nm os out put s t o hi gh speed c m os i nput s. this device consists of two inde pendent 1-of-4 decoders, each of whi c h decodes a t w o-bi t address t o one-of-four act i v e-l o w out put s. activ e-lo w selects are p r o v i d e d to facilitate th e d e m u ltip lex i n g an d cascading functions. the dem u ltiple xing function is accom p lished by using the address inputs to select the desired device output, and utilizing t h e sel ect as a dat a i nput . ? ttl/nmos com p atible input levels ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 4.5 t o 5.5 v ? low input c u rrent : 1.0 a pin assignment logic diagram pin 16 =v cc pin 8 = gnd function table input s o u t put s s e l e c t a 1 a0 y 0 y 1 y 2 y3 h x x h h h h l l l l h h h l l h h l h h l h l h h l h l h h h h h l x = don?t care 1
KK74HCT139A maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -1.5 t o v cc +1.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put c u rrent , per pi n 25 ma i cc dc suppl y c u rrent , v cc and gnd pins 50 ma p d po wer dissip a tio n in still air, plastic dip+ soic package+ 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. +derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 4.5 5.5 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t a operat i ng tem p erat ure, al l package ty pes -55 +125 c t r , t f input r i se and fal l ti m e (fi gure 1) 0 500 ns thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. 2
KK74HCT139A dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim it sy m bol p a r a m e t e r test c ondi t i o n s v 25 c to -55 c 85 c 125 c unit v ih m i ni m u m hi gh- level input vol t a ge v out =0.1 v or v cc -0.1 v ? i out ? 20 a 4.5 5.5 2.0 2.0 2.0 2.0 2.0 2.0 v v il m a x i mu m l o w - level input vol t a ge v out =0.1 v or v cc -0.1 v ? i out ? 20 a 4.5 5.5 0.8 0.8 0.8 0.8 0.8 0.8 v v oh m i ni m u m hi gh- level out put vol t a ge v in =v ih or v il ? i out ? 20 a 4.5 5.5 4.4 5.4 4.4 5.4 4.4 5.4 v v in =v ih or v il ? i out ? 4.0 m a 4.5 3.98 3.84 3.7 v ol m a x i mu m l o w - level out put vol t a ge v in =v ih or v il ? i out ? 20 a 4.5 5.5 0.1 0.1 0.1 0.1 0.1 0.1 v v in =v ih or v il ? i out ? 4.0 m a 4.5 0.26 0.33 0.4 i in m a xi m u m input leakage current v in =v cc or gnd 5.5 0.1 1.0 1.0 a i cc m a x i mu m q u i e s c e n t suppl y c u rrent (per package) v in =v cc or gnd i out =0 a 5.5 4 . 0 4 0 1 6 0 a ? i cc ad d itio n a l qu iescen t suppl y c u rrent v in = 2.4 v, any one input v in =v cc or gnd, other input s -55 c 2 5 c to 125 c ma i out =0 a 5.5 2 . 9 2 . 4 3
KK74HCT139A ac electrical characteristics (v cc =5.0 v 10%, c l =50pf,input t r =t f =6.0 ns) g u a r a n t e e d lim i t sym b o l p a r a m e t e r 25 c to -55 c 85 c 125 c unit t plh , t phl m a xi m u m propagat i on del a y , sel ect t o out put y (fi gures 1 and 3) 2 3 2 9 3 5 n s t plh , t phl m a xi m u m propagat i on del a y , input a t o out put y (fi gures 2 and 3) 2 3 2 9 3 5 n s t tlh , t thl m a xi m u m out put transi t i on ti m e , any out put (fi gures 1 and 3) 1 5 1 9 2 2 n s c in m a xi m u m input c a paci t a nce 10 10 10 pf power di ssi pat i on c a paci t a nce (per decoder) typical @25 c,v cc =5.0 v c pd used t o det e rm i n e t h e no-l o ad dy nam i c power consum pt i on: p d =c pd v cc 2 f+i cc v cc 6 0 p f figure 1. sw itching waveforms figure 2. sw itching waveforms 4
KK74HCT139A figure 3. test circuit expanded logic diagram (1/ 2 of devi ce) 5
KK74HCT139A n s u f f i x p l as t i c di p (m s - 0 0 1 b b ) sy m b o l m i n m a x a 18. 67 19. 69 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a c) sy m b o l m i n m a x a 9. 8 1 0 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 5. 72 2. 54 7. 62 1. 27 d i me n s i o n , mm d i me n s i o n , mm a b h c k c m j f m p g d r x 4 5 se a t i n g pl an e 0 . 25 ( 0 . 010 ) m t -t - 1 16 8 9 l h m j a b f g d se a t i n g pl a n e n k 0. 2 5 ( 0 . 010) m t -t - c 1 16 8 9 6
|